Part Number Hot Search : 
1N4942 00GB12 80R12 3238E FR2407 TA7269P WU20X EL2211CS
Product Description
Full Text Search
 

To Download STP12PF06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STP12PF06
P - CHANNEL 60V - 0.18 - 12A TO-220 STripFETTM POWER MOSFET
TYPE STP12PF06
s s s s s
V DSS 60 V
R DS(o n) < 0.20
ID 12 A
TYPICAL RDS(on) = 0.18 EXCEPTIONAL dv/dt CAPABILITY 100% AVALANCHE TESTED LOW GATE CHARGE APPLICATION ORIENTED CHARACTERIZATIONL
3 1 2
DESCRIPTION This Power MOSFET is the latest development of STMicroelectronics unique "Single Feature SizeTM" strip-based process. The resulting transistor shows extremely high packing density for low on-resistance, rugged avalanche characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility. APPLICATIONS s MOTOR CONTROL s DC-DC & DC-AC CONVERTERS
TO-220
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symb ol V DS V DGR VGS ID ID I DM (*) P tot dv/dt T st g Tj Parameter Drain-source Voltage (VGS = 0) Drain- gate Voltage (R GS = 20 k) Gate-source Voltage Drain Current (continuous) at Tc = 25 C Drain Current (continuous) at Tc = 100 oC Drain Current (pulsed) Total Dissipation at T c = 25 C Derating F actor Peak Diode Recovery voltage slope Storage T emperature Max. Operating Junction Temperature
o o
Value 60 60 20 12 8.4 48 60 0.4 6 -65 to 175 175
Unit V V V A A A W W /o C V/ns
o o
C C
(*) Pulse width limited by safe operating area ( 1) ISD 12 A, di/dt 300 A/s, VDD V(BR)DSS, Tj TJMAX Note: For the P-CHANNEL MOSFET actual polarity of voltages and current has to be reversed
April 1999
1/8
STP12PF06
THERMAL DATA
R thj -case R thj -amb R thc-sink Tl Thermal Resistance Junction-case Thermal Resistance Junction-ambient Thermal Resistance Case-sink Maximum Lead Temperature F or Soldering Purpose Max Max T yp 2.5 62.5 0.5 275
o o
C/W C/W o C/W o C
AVALANCHE CHARACTERISTICS
Symbo l IAR E AS Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by Tj max) Single Pulse Avalanche Energy (starting Tj = 25 o C, ID = IAR , V DD = 25V) Max Value 12 200 Unit A mJ
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) OFF
Symbo l V (BR)DSS I DSS IGSS Parameter Drain-source Breakdown Voltage Test Con ditions I D = 250 A V GS = 0 Min. 60 1 10 100 Typ. Max. Unit V A A nA
V DS = Max Rating Zero Gate Voltage Drain Current (V GS = 0) V DS = Max Rating Gate-body Leakage Current (VDS = 0) V GS = 20 V
T c = 125 oC
ON ()
Symbo l V GS(th) R DS(on) I D(o n) Parameter Gate Threshold Voltage V DS = V GS Static Drain-source On Resistance On State Drain Current V GS = 10V Test Con ditions ID = 250 A ID = 6 A 12 Min. 2 Typ. 3.4 0.18 Max. 4 0.20 Unit V A
V DS > ID(o n) x R DS(on )ma x V GS = 10 V
DYNAMIC
Symbo l g f s () C iss C os s C rss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Con ditions V DS > ID(o n) x R DS(on )ma x V DS = 25 V f = 1 MHz ID = 6 A V GS = 0 Min. 2.5 Typ. 6 850 230 75 Max. Unit S pF pF pF
2/8
STP12PF06
ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON
Symbo l t d(on) tr Qg Q gs Q gd Parameter Turn-on Delay T ime Rise Time Total G ate Charge Gate-Source Charge Gate-Drain Charge Test Con ditions V DD = 30 V ID = 6 A R G = 4.7 V GS = 10 V (Resistive Load, see fig. 3) V DD = 48 V ID = 12 A V GS = 10 V Min. Typ. 20 40 16 4 6 21 Max. Unit ns ns nC nC nC
SWITCHING OFF
Symbo l t d(of f) tf tr (Voff) tf tc Parameter Turn-off Delay T ime Fall T ime Off-voltage Rise T ime Fall T ime Cross-over Time Test Con ditions V DD = 30 V ID = 6 A V GS = 10 V R G = 4.7 (Resistive Load, see fig. 3) V DD = 48 V I D = 12 A V GS = 10 V R G = 4.7 (Induct ive Load, see fig. 5) Min. Typ. 40 10 10 17 30 Max. Unit ns ns ns ns ns
SOURCE DRAIN DIODE
Symbo l ISD I SDM (*) V SD () t rr Q rr I RRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current I SD = 12 A V GS = 0 100 260 5.2 I SD = 12 A di/dt = 100 A/s T j = 150 o C V DD = 30 V (see test circuit, fig. 5) Test Con ditions Min. Typ. Max. 10 40 2.5 Unit A A V ns C A
() Pulsed: Pulse duration = 300 s, duty cycle 1.5 % (*) Pulse width limited by safe operating area
Safe Operating Area
Thermal Impedance
3/8
STP12PF06
Output Characteristics Transfer Characteristics
Transconductance
Static Drain-source On Resistance
Gate Charge vs Gate-source Voltage
Capacitance Variations
4/8
STP12PF06
Normalized Gate Threshold Voltage vs Temperature Normalized On Resistance vs Temperature
Source-drain Diode Forward Characteristics
5/8
STP12PF06
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuits For Resistive Load
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
6/8
STP12PF06
TO-220 MECHANICAL DATA
DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147
E
mm TYP. MAX. 4.60 1.32 2.72 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 MIN. 0.173 0.048 0.094 4.40 1.23 2.40
inch TYP. MAX. 0.181 0.051 0.107 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 0.645 0.551 0.116 0.620 0.260 0.154 0.151
A
C
D1
L2 F1
D
G1
Dia. F2 F
L5 L7 L6
L9
L4
G
H2
P011C
7/8
STP12PF06
Information furnished is believed to be accurate and reliable. However, STMicroelect onics assumes no responsibil ity for the consequences r of use of such information nor for any infringement of patents or other rights of third partes which may result from its use. No license is i granted by implication or otherwise under any patent or patent rights of STMicroelectro nics. Specific ation mentioned in this publication are subjec t to change without notice. This publication supersedes and replaces all informaton previously supplied. STMicroelectronics products i are not authorized for use as critical components in life support devices or systems with express written approval of STMicroelectronics. out The ST logo is a trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysi - Malta - Mexico - Morocco - The Netherlands a Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
8/8
http://www.st.com .


▲Up To Search▲   

 
Price & Availability of STP12PF06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X